Part Number Hot Search : 
N0600N KBPC4000 SP300110 CLM2950A MAU218 FSB67508 KSZ8995X MK23H2
Product Description
Full Text Search
 

To Download STP5NK50Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB5NK50Z-1 - STP5NK50ZFP STP5NK50Z - STD5NK50Z - STD5NK50Z-1
N-CHANNEL500V-1.22-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESHTMPower MOSFET
TYPE STP5NK50Z STP5NK50ZFP STD5NK50Z STD5NK50Z-1 STB5BK50Z-1
s s s s s s
VDSS 500 500 500 500 500 V V V V V
RDS(on) < 1.5 < 1.5 < 1.5 < 1.5 < 1.5
ID 4.4 A 4.4 A 4.4 A 4.4 A 4.4 A
Pw 70 W 25 W 70 W 70 W 70 W
1 2
3
TYPICAL RDS(on) = 1.22 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY
TO-220 I2PAK
3 1
3 12
TO-220FP
3 2 1
DPAK
IPAK
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s IDEAL FOR OFF-LINE POWER SUPPLIES, ADAPTORS AND PFC s LIGHTING
s
ORDERING INFORMATION
SALES TYPE STP5NK50Z STP5NK50ZFP STD5NK50ZT4 STD5NK50Z-1 STB5NK50Z-1 April 2003 MARKING P5NK50Z P5NK50ZFP D5NK50Z D5NK50Z B5NK50Z PACKAGE TO-220 TO-220FP DPAK IPAK I2PAK PACKAGING TUBE TUBE TAPE & REEL TUBE TUBE 1/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter
STP5NK50Z STB5NK50Z-1
Value
STP5NK50ZFP STD5NK50Z STD5NK50Z-1
Unit
VDS VDGR VGS ID ID IDM ( ) PTOT VESD(G-S) dv/dt (1) VISO Tj Tstg
Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD(HBM-C=100pF, R=1.5K) Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Operating Junction Temperature Storage Temperature 4.4 2.7 17.6 70 0.56
500 500 30 4.4 (*) 2.7 (*) 17.6 (*) 25 0.2 3000 4.5 2500 -55 to 150 -55 to 150 4.4 2.7 17.6 70 0.56
V V V A A A W W/C V V/ns V C C
( ) Pulse width limited by safe operating area (1) ISD 4.4A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX. (*) Limited only by maximum temperature allowed
THERMAL DATA
TO-220 I2PAK Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1.78 TO-220FP 5 62.5 300 DPAK 1.78 C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 4.4 130 Unit A mJ
GATE-SOURCE ZENER DIODE
Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to souce. In this respect the Zener voltage is appropriate to achieve an efficient and costeffective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
2/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID =1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V VDS = VGS, ID = 50A VGS = 10V, ID = 2.2 A 3 3.75 1.22 Min. 500 1 50 10 4.5 1.5 Typ. Max. Unit V A A A V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Coss eq. (3) Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS =15 V, ID = 2.2 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 3.1 535 75 17 45 Max. Unit S pF pF pF pF
VGS = 0V, VDS = 0V to 400V
SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Test Conditions VDD = 250 V, ID = 2.2 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 400V, ID = 4.4 A, VGS = 10V Min. Typ. 15 10 20 4 10 28 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 250 V, ID = 2.2A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 400V, ID = 4.4A, RG = 4.7, VGS = 10V (Inductive Load see, Figure 5) Min. Typ. 32 15 12 12 20 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 4.4 A, VGS = 0 ISD =4.4 A, di/dt = 100A/s VDD = 30V, Tj = 150C (see test circuit, Figure 5) 310 1425 9.2 Test Conditions Min. Typ. Max. 4.4 17.6 1.6 Unit A A V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
3/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
Safe Operating Area For TO-220/DPAK/IPAK/I2PAKSafe Operating Area For TO-220FP
Thermal Impedance For TO-220/DPAK/IPAK/I2PAK Thermal Impedance For TO-220FP
Output Characteristics
Transfer Characteristics
4/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
Transconductance Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Threshold Voltage vs Temp.
Normalized On Resistance vs Temperature
5/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
Source-drain Diode Forward Characteristics Normalized BVDSS vs Temperature
Maximum Avalanche Energy vs Temperature
6/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
TO-220 MECHANICAL DATA
mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 oP Q
8/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.5 1.5 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
G
9/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0
o
DIM. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35
inch MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 1.00 8
o
TYP.
TYP.
MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
0.8 0.024 0
o
0.039 0o
P032P_B
10/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
A
C C2
L2 D
B3
B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
11/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D e E L L1 L2 4.4 2.49 0.7 1.14 0.45 1.23 8.95 2.4 10 13.1 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 2.7 10.4 13.6 3.78 1.4 MIN. 0.173 0.098 0.027 0.044 0.017 0.048 0.352 0.094 0.393 0.515 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.106 0.409 0.531 0.149 0.055
DIM.
A
C2
B2
B
E
L1 L2 D L
P011P5/E
12/14
e
A1
C
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
DPAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
All dimensions are in millimeters
All dimensions are in millimeters
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574 0.618
0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
* on sales type
13/14
STP5NK50Z - STP5NK50ZFP - STD5NK50Z - STD5NK50Z-1 - STB5NK50Z-1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STP5NK50Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X